PART |
Description |
Maker |
MC33368D MC33368P |
HIGH VOLTAGE GREENLINEE POWER FACTOR CONTROLLER
|
Motorola, Inc.
|
2SB1151-T60-T 2SB1151L-T60-T 2SB1412-TN3-F-R 2SB14 |
NPN SILICON TRANSISTOR POWER AMPLIFIER APPLICATIONS POWER SWITCHING APPLICATIONS HIGH VOLTAGE HIGH SPEED SWITCHING BIPOLAR POWER GENERAL PURPOSE TRANSISTOR HIGH VOLTAGE SWITCHING TRANSISTOR LOW COLLECTOR SATURATION VOLTAGE LARGE CURRENT
|
友顺科技股份有限公司 UTC[Unisonic Technologies]
|
BUT70W 8602 |
HIGH VOLTAGE NPN POWER TRANSISTOR HIGH POWER NPN TRANSISTOR From old datasheet system HIGH VOLTAGE NPN POWER TRANSISTOR 8-bit MCU for automotive, 16 Kbyte Flash/ROM, 10-bit ADC, 4 timers, SPI, SCI
|
ST Microelectronics STMICROELECTRONICS[STMicroelectronics]
|
BUL741 |
The device is manufactured using high voltage Multi-Epitaxial Planar technology for high switching s High voltage fast-switching NPN Power Transistor
|
ST Microelectronics, Inc. STMicroelectronics
|
Q62702-F1306 BF720 BF722 Q62702-F1238 |
NPN Silicon High-Voltage Transistors (Suitable for video output stages in TV sets and switching power supplies High breakdown voltage) NPN硅高压晶体管在电视机的视频输出级(适合开关电源和高击穿电压) From old datasheet system
|
SIEMENS AG SIEMENS[Siemens Semiconductor Group]
|
APT10026L2LL_03 APT10026L2LL APT10026L2LL03 APT100 |
Power MOS 7 is a new generation of low loss, high voltage, N-Channel Power MOS 7TM is a new generation of low loss, high voltage, N-Channel enhancement mode power MOSFETS. 38 A, 1000 V, 0.26 ohm, N-CHANNEL, Si, POWER, MOSFET TO-264MAX, 3 PIN
|
Microsemi Corporation ADPOW[Advanced Power Technology] Microsemi, Corp.
|
APT33GF120B2RD APT33GF120LRD |
Fast IGBT & FRED 1200V 52A The Fast IGBT is a new generation of high voltage power IGBTs. The Fast IGBT⑩ is a new generation of high voltage power IGBTs. The Fast IGBTis a new generation of high voltage power IGBTs.
|
Advanced Power Technology Ltd.
|
FS10SM-16 FS10SM-16A |
Power MOSFETs: FS Series, High Voltage, 800V Nch POWER MOSFET HIGH-SPEED SWITCHING USE
|
Mitsubishi Electric Corporation POWEREX[Powerex Power Semiconductors]
|
BUL804 |
Regulated Output Power; 1.6kVDC Isolation; Over Current and Over Voltage Protection; Six-Sided Shield; No Derating to 63C; Standard 2 x 1 Package HIGH VOLTAGE FAST-SWITCHING NPN POWER TRANSISTOR
|
意法半导 STMICROELECTRONICS[STMicroelectronics]
|
BUX45 |
HIGH VOLTAGE HIGH POWER SILICON NPN POWER SWITCHING TRANSISTORS
|
General Electric Solid State ETC[ETC] List of Unclassifed Manufacturers
|
MCP152505 MCP1541 MCP1525 MCP1525-I/P MCP1525-I/TO |
2.5V and 4.096V Voltage References MCP1525 is a low power, high precision voltage reference. It provides a precise output voltage of 2.5V which is then compared to ... MCP1541 is a low power, high precision voltage reference. It provides a precise output voltage of 4.096V which is then compared to ...
|
MICROCHIP[Microchip Technology]
|
APT12GT60KR |
The Thunderbolt IGBTis a new generation of high voltage power IGBTs. The Thunderbolt IGBT is a new generation of high voltage power IGBTs. The Thunderbolt IGBT⑩ is a new generation of high voltage power IGBTs. Thunderbolt IGBT 600V 25A
|
Advanced Power Technology Ltd. ADPOW[Advanced Power Technology]
|